Part Number Hot Search : 
LPT672 CM1210CI EH680J03 00B0L C3082 DPL4519G F1144HT 0213630
Product Description
Full Text Search
 

To Download BR62256F70LL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Memory ICs
256k (32k x 8) Bit SRAM
BR62256F-70LL
The BR62256F-70LL is a 32768 word x 8 bit asynchronous high-speed CMOS static RAM. It runs on a 5V single power supply, and in addition to its low power consumption and high-speed, its low standby current enables its use in battery backup applications.
*Applications General-purpose *Featureswith a 32768 word x 8 bit configuration. 1) SRAM
2) High speed read access time of 70ns maximum (Ta = 0 to 70C). 3) Battery backup is possible. Standby current: 50A max. (Ta = 0 to 70C) Data holding current: 3A max. (Ta = 0 to 70C) 4) 5V single power supply voltage with 10% fluctuation tolerance. 5) Input / output TTL compatible. 6) Common input / output pin with three output statuses. 7) No clock is necessary (asynchronous static circuit). 8) Input and output data are in the same phase. 9) Low power consumption.
*Block diagram
A0 A1 A2 A3 A4 A5 A6 A14 I / O0 INPUT DATA CONTROL I / O7 ADDRESS BUFFER ROW DECODER 262144BIT (512 x 512) MEMORY CELL ARRAY
COLUMN SWITCH COLUMN DECODER
OUTPUT DATA CONTROL
ADDRESS BUFFER A7 A 12 A 13
CS OE WE CONTROL BUFFER
1
Memory ICs
BR62256F-70LL
*Absolute maximum ratings (Ta = 25C)
Parameter Applied voltage Power dissipation Storage temperature Operating temperature I / O voltage Input voltage Symbol VCC Pd Tstg Topr VI / O VIN Limits - 0.51 ~ + 7.0 8502 - 55 ~ + 125 0 ~ + 70 - 0.5 ~ VCC + 0.5 - 0.5 ~ VCC + 0.5 Unit V mW C C V V
1 At pulse width of 50ns: - 3.0V (min.)
2 Reduced by 8.5mW for each increase in Ta of 1C over 25C.
*Recommended operating conditions
Parameter Power supply voltage Input high level voltage Input low level voltage Ambient temperature Symbol VCC VIH VIL Ta Min. 4.5 2.2 - 0.3 0 Typ. 5.0 -- -- -- Max. 5.5 VCC + 0.5 0.8 70 Unit V V V C
*Pin assignments
VCC 28 WE 27 A13 26 A8 25 A9 24 A11 23 OE 22 A10 21 CS 20 I / 07 I / 06 I / 05 I / 04 I / 03 19 18 17 16 15
1 A14
2 A12
3 A7
4 A6
5 A5
6 A4
7 A3
8 A2
9 A1
10 A0
11
12
13
14 VSS
I / 00 I / 01 I / 02
Fig.1
*Pin descriptions
Pin name VCC VSS A0 ~ A14 I / 00 ~ I / 07 CS OE WE I/O -- -- I I/O I I I 5V 10% power supply Reference voltage for all input / output, 0V 32k memory address input 8-bit data I / O Chip segment control input Output enable control input Write enable control input Function
2
Memory ICs
BR62256F-70LL
*Electrical characteristics (unless otherwise noted, Ta = 0 to + 70C, VCC = 5V 10%)
Parameter Input low level voltage Input high level voltage Output low level voltage Output high level voltage Input leakage current Output leakage current Average operating current Symbol VIL VIH VOL VOH VOH1 ILI ILO ICCA1 ICCA2 ISB ISB1 Min. - 0.3 2.2 -- 2.4 VCC x 0.8 -1 -1 -- -- -- -- Typ. -- -- -- -- -- -- -- -- -- -- -- Max. 0.8 VCC + 0.5 0.4 -- -- +1 +1 45 10 3 50 Unit V V V V V A A mA mA mA A IOL = 2.1mA IOH = - 1.0mA IOH = - 0.1mA VIN = 0 ~ VCC VI / O = 0 ~ VCC CS = VIH or CE = VIH or WE = VIL CS = VIL,I / O: OPEN, Min.cycle time CS VIL 0.2V, f = 1MHz, I / O: OPEN 0.2V, VIH VCC - 0.2V Conditions -- -- Mesurement Circuit -- -- Fig.2 Fig.3 Fig.3 Fig.4 Fig.5 Fig.6 Fig.6 -- Fig.7
Standby current
CS = VIH CS VCC - 0.2V
3
Memory ICs
BR62256F-70LL
*Measurement circuits
VCC VIH VIH WE CS OE VCC I / O 0 ~ I / O7 VSS 2.1mA WE CS OE V V0L VIL
VCC
VCC I / O 0 ~ I / O7 VSS
1.0mA
V
V0H
VIL
Data sets all output to LOW (Data 00)
Data sets all output to HIGH (Data FF)
Fig.2
Fig.3
VCC
VCC
ILI A VIN = 0 ~ VCC
VCC A0 ~ A14 WE, CS, OE VSS
VCC I / O 0 ~ I / O7
IL0 A VI / 0 = 0 ~ VCC
VSS
CS = VIH or WE = VIL or OE = VIH
Fig.4
Fig.5
VCC
VCC
A
ICCA1, ICCA2 CS = VCC - 0.2V
A
ISB1
VCC I / O 0 ~ I / O7 CS VSS VIL A0 ~ A14 SW
OPEN
VCC I / O 0 ~ I / O7 VIH or VIL (Min. cycle) VIH or VIL (1MHz cycle) CS VSS A0 ~ A14 OPEN VCC or VSS
q
w
Sw q: Average operating current ICCA1 Sw w: Average operating current ICCA2
Fig.6
Fig.7
4
Memory ICs
BR62256F-70LL
*Operating modes
Control pin OE X H L X
X: Either VIL or VIH
Mode WE X H H L Wait state Output disable Read Write
I/O High impedance High impedance Data output Data input
Power consumption Standby state Operating state Operating state Operating state
CS H L L L
*Input / output capacity (Ta = 25C, f = 1MHz)
Parameter Input / output capacity Input capacity Symbol CI/O C IN Min. -- -- Typ. -- -- Max. 10 10 Unit pF pF V I / O = 0V V IN = 0V Conditions
Note: These parameters are not measurements for all conditions, but are sample values.
*Part specification
Part number BR62256F-70LL Acces time (ns) 70 max.
=0 *AC test conditions (Ta2.4Vto + 70C, VCC = 5V 10%) Input pulse level: 0.8 to Input rise / fall time: 5ns I / O timing level: 1.5V Output load: 1 TTL gate and CL = 100pF
*Read cycle
Parameter Read cycle time Address access time Chip enable access time (CS) Output enable access time Output hold time CS output set time Output enable and output set time Chip deselect output floating Chip disable output floating Symbol tRC tAA tACS tOE tOH tLZ tOLZ tCHZ tOHZ Min. 70 -- -- -- 10 10 5 -- -- Max. -- 70 70 35 -- -- -- 30 30 Unit ns ns ns ns ns ns ns ns ns
5
Memory ICs
BR62256F-70LL
*Read cycle timing chart 1 (CS = OE = VIL, CE2 = WE = VIH)
tRC Address
tAA
tOH
DOUT
Previous Valid Data
Valid Data
Fig.8
*Read cycle timing chart 2 (WE = VIH)
tRC Address
tAA
CS
tACS
tCHZ
tLZ
OE tOHZ tOE
tOLZ
DOUT High Impedance
Valid Data
Fig.9
6
Memory ICs
BR62256F-70LL
*Write cycle
Parameter Write cycle time Chip select time Address valid time Address setup time Write pulse width WE output delay time CS output delay time WE output floating time Input data set time Input data hold time WE output set time Symbol tWC tCW tAW tAS tWP tWR tWR1 tWHZ tDW tDH tOW Min. 70 60 60 0 55 0 0 -- 30 0 10 Max. -- -- -- -- -- -- -- 30 -- -- -- Unit ns ns ns ns ns ns ns ns ns ns ns
*Write cycle timing chart 1 (WE control)
Address tAW
tWC
tWR
OE
CS
tCW tAS tWP
WE
tDW DIN tWHZ Valid Data
tDH
tOW
DOUT High Impedance
Fig.10
7
Memory ICs
BR62256F-70LL
*Write cycle timing chart 2 (CS control)
tWC Address
tAW
tWR1
OE
tAS tCW CS
tWP
WE
tDW
tDH
DIN
Valid Data
tLZ
tWHZ
DOUT
Fig.11
While the I / O pin is in the output state, input signals should not be applied
that are in reverse phase to the output.
The contents noted in this document may fall under the jurisdiction of services pertaining to overseas exchange rates and overseas control regulations (services pertaining to design, construction, specifications), and may require special handling.
8
Memory ICs
BR62256F-70LL
*Data retention characteristics at low power supply voltage (Ta = 0 to + 70C)
Parameter Data retention power supply voltage Data retention current CS data retention time Operating recovery time Symbol VDR ICCDR1 tCDR tR Min. 2.0 -- 0 5 Typ. -- 1.0 -- -- Max. 5.5 20 -- -- Unit V A ns ms CS Conditions VCC - 0.2V VCC - 0.2V VCC = 3.0V, CS -- --
1 3A (max.) when Ta = 0 to 40C
*Data retention waveform at low power supply voltage
VCC 4.5V
Data Retention Mode
4.5V VDR
tCDR
tR
CS
2.2V
CS
VCC - 0.2V
2.2V
Fig.12
*External dimensions (Units: mm)
18.0 0.2 28 11.8 0.3 15
8.4 0.2
2.55 0.10
1
14
0.20
1.27
0.40 0.10
0.5Min. 0.1
SOP-N28
0.15 0.1
9


▲Up To Search▲   

 
Price & Availability of BR62256F70LL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X